PART |
Description |
Maker |
ATSAM3A4CA-CU ATSAM3A8CA-CU ATSAM3X4CA-AU ATSAM3A4 |
AT91SAM ARM-based Flash MCU
|
ATMEL Corporation
|
SAM4CM-14 |
Atmel | SMART ARM-based Flash MCU
|
ATMEL Corporation
|
STM32F217VGT6 |
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM
|
STMicroelectronics
|
STM32F101X410 STM32F101X610 |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers
|
STMicroelectronics
|
STM32F103X610 STM32F103X410 |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers
|
STMicroelectronics
|
STM32F101R6 STM32F101R6T6TR STM32F101C6 STM32F101T |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics
|
STM32F105RBT7TR STM32F105VBT7TR STM32F105VCT7TR |
Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
http:// STMICROELECTRONICS
|
STM32F103T8U7 STM32F103V8 STM32F103RB |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
STMicroelectronics
|
STM32F101RCT6TR STM32F101ZET6TR STM32F101ZET6XXX S |
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
|
STMicroelectronics
|
STM32F103V8 STM32F103RBU6TR STM32F103RBU6XXX STM32 |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
|
STMicroelectronics http://
|
AT91SAM7S256 AT91SAM7S256-AI |
Atmels AT91SAM7S256 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... AT91 ARM THUMB-BASED MICROCONTROLLERS
|
ATMEL Corporation
|